Part Number Hot Search : 
88E3016 ATM25 21804 ZMM4V3HC 2SK30 4017BDM ER302 B9315
Product Description
Full Text Search
 

To Download ATS-X50450B-C1-R0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Performance BGA Cooling Solutions w/ superGRIPTM Attachment
ATS PART # ATS-X50450B-C1-R0
Features & Benefits

Designed for 45 x 45 mm BGA components requires minimal space around the component's perimeter; ideal for densely populated PCBs Allows the heat sink to be detached and reattached without damaging the component or the PCB, an important feature in the event a PCB may need to be reworked Strong, uniform attachment force helps achieve maximum performance from phase-changing TIMs Eliminates the need to drill mounting holes in the PCB Assembly comes standard with a high performance maxiFLOWTM heat sink which maximizes convection (air) cooling Comes standard with clean break, reworkable, Chomerics T-766 phase change material
FT

W
L H
thermal Performance
AIR VELoCITy
*Image above is for illustration purposes only.
THERMAL RESISTANCE
FT/MIN
200 300 400 500 600 700 800
M/S
1.0 1.5 2.0 2.5 3.0 3.5 4.0
C/W (UNDUCTED FLOW)
4 2.9 2.4 2.1 1.9 1.8 1.6
C/W (DUCTED FLOW)
2.6
Product Details
LENGTH 45 mm
Notes:
1) 2) 3) 4) 5) 6) Length and width dimensions refer to the size of the component. Dimensions of the heat sink are subject to tolerances of up to .99 mm in order to accommodate the clip assembly Thermal performance data are provided for reference only. Actual performance may vary by application ATS reserves the right to update or change its products without notice to improve the design or performance Additional tooling fees may be required Typical lead time is a minimum of 4-6 weeks Contact ATS to learn about custom options available
WIDTH 45 mm
HEIGHT 7.5 mm
FIN TIP to FIN TIP 61.5 mm
INTERFACE MATERIAL
FINISH BLUE-ANODIZED
ChOMErICS T766
For more information, to find a distributor or to place an order, visit www.qats.com or call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe).
REV0_042109


▲Up To Search▲   

 
Price & Availability of ATS-X50450B-C1-R0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X